Part Number Hot Search : 
D4069UBC LT1S022 KDS3601 L78M05CV DRN006B IR350 FALC14L1 P936000
Product Description
Full Text Search
 

To Download HY57V161610ETP-I Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HY57V161610ETP-I
2 Banks x 512K x 16 Bit Synchronous DRAM
DESCRIPTION
THE Hynix HY57V161610E is a 16,777,216-bits CMOS Synchronous DRAM, ideally suited for the main memory and graphic applications which require large memory density and high bandwidth. HY57V161610E is organized as 2banks of 524,288x16. HY57V161610E is offering fully synchronous operation referenced to a positive edge clock. All inputs and outputs are synchronized with the rising edge of the clock input. The data paths are internally pipelined to achieve very high bandwidth. All input and output voltage levels are compatible with LVTTL. Programmable options include the length of pipeline (Read latency of 1,2 or 3), the number of consecutive read or write cycles initiated by a single control command (Burst length of 1,2,4,8 or full page), and the burst count sequence(sequential or interleave). A burst of read or write cycles in progress can be terminated by a burst terminate command or can be interrupted and replaced by a new burst read or write command on any cycle. (This pipeline design is not restricted by a 2N rule.)
FEATURES
* * * * * * Single 3.0V to 3.6V power supply All device pins are compatible with LVTTL interface JEDEC standard 400mil 50pin TSOP-II with 0.8mm of pin pitch All inputs and outputs referenced to positive edge of system clock Data mask function by UDQM/LDQM Internal two banks operation * * * * * Auto refresh and self refresh 4096 refresh cycles / 64ms Programmable Burst Length and Burst Type - 1, 2, 4, 8 and Full Page for Sequence Burst - 1, 2, 4 and 8 for Interleave Burst Programmable CAS Latency ; 1, 2, 3 Clocks Pb-free Package
ORDERING INFORMATION
Part No.
HY57V161610ETP-5I HY57V161610ETP-55I HY57V161610ETP-6I HY57V161610ETP-7I HY57V161610ETP-8I HY57V161610ETP-10I HY57V161610ETP-15I
Clock Frequency
200MHz 183MHz 166MHz 143MHz 125MHz 100MHz 66MHz
Organization
Interface
Package
2Banks x 512Kbits x 16
LVTTL
400mil 50pin TSOP II (Pb free)
Note :
1. VDD(min) of HY57V161610ETP-5I/55I is 3.15V 2. Hynix supports lead free part for each speed grade with same specification.
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any responsibility for use of circuits described. No patent licenses are implied Rev. 0.1 / Nov. 2003 1
HY57V161610ETP-I
PIN CONFIGURATION
V DD DQ0 DQ1 V SSQ DQ2 DQ3 V DDQ DQ4 DQ5 V SSQ DQ6 DQ7 VDDQ LDQM /WE /CAS /RAS /CS A11 A10 A0 A1 A2 A3 V DD 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26
VSS DQ15 DQ14 VSSQ DQ13
DQ12
50pin TSOP II 400mil x 825mil 0.8mm pin pitch
VDDQ DQ11 DQ10 VSSQ DQ9 DQ8 VDDQ NC UDQM CLK CKE NC A9 A8 A7 A6 A5 A4 VSS
PIN DESCRIPTION
PIN CLK CKE CS BA A0 ~ A10 Clock Clock Enable Chip Select Bank Address Address Row Address Strobe, Column Address Strobe, Write Enable Data Input/Output Mask Data Input/Output Power Supply/Ground Data Output Power/Ground No Connection PIN NAME DESCRIPTION The system clock input. All other inputs are referenced to the SDRAM on the rising edge of CLK. Controls internal clock signal and when deactivated, the SDRAM will be one of the states among power down, suspend or self refresh. Command input enable or mask except CLK, CKE and DQM Select either one of banks during both RAS and CAS activity. Row Address : RA0 ~ RA10, Column Address : CA0 ~ CA7 Auto-precharge flag : A10 RAS, CAS and WE define the operation. Refer function truth table for details DQM control output buffer in read mode and mask input data in write mode Multiplexed data input / output pin Power supply for internal circuit and input buffer Power supply for DQ No connection
RAS, CAS, WE LDQM, UDQM DQ0 ~ DQ15 VDD/VSS VDDQ/VSSQ NC
Rev. 0.1 / Nov. 2003
2
HY57V161610ETP-I
FUNCTIONAL BLOCK DIAGRAM
1Mx16 Synchronous DRAM
Self Refresh Counter Row Addr. Latch/Predecoder
Auto/Self Refresh
Refresh Interval Timer
Refresh Counter
Row Decoder
Address[0:10]
Ref. Addr.[0:11]
512Kx16 Bank 0
Sense AMP & I/O gates Column Decoder DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 DQ8 DQ9 DQ10 DQ11 DQ12 DQ13 DQ14 DQ15
CLK Row Active BA(A11)
CS RAS CAS WE UDQM LDQM
Column Active Overflow
Column Addr. Latch & Counter
Burst Length Counter
Column Decoder Sense AMP & I/O gates Row Addr. Latch/Predecoder
512Kx16 Bank 1
Mode Register
Test Mode
I/O Control
Rev. 0.1 / Nov. 2003
Data Input/Output Buffers
CKE
Precharge
Address Register
State Machine
3
HY57V161610ETP-I
ABSOLUTE MAXIMUM RATINGS
Parameter Ambient Temperature Storage Temperature Voltage on Any Pin relative to VSS Voltage on VDD relative to VSS Short Circuit Output Current Power Dissipation Soldering Temperature*Time TA TSTG VIN, VOUT VDD IOS PD TSOLDER Symbol -40 ~ 85 -55 ~ 125 -1.0 ~ 4.6 -1.0 ~ 4.6 50 1 260*10 Rating C C V V mA W C *Sec Unit
Note : Operation at above absolute maximum rating can adversely affect device reliability.
DC OPERATING CONDITION (TA=0C to 70C)
Parameter Power Supply Voltage Input high voltage Input low voltage Symbol VDD, VDDQ VIH VIL Min 3.0 2.0 -0.3 Typ. 3.3 3.0 0 Max 3.6 VDD + 0.3 0.8 Unit V V V Note 1, 2, 3 1, 4 1, 5
Note : 1.All voltages are referenced to VSS = 0V. 2.VDD(min) is 3.15V when HY57V161610ETP-7I operates at CAS latency=2 3.VDD(min) of HY57V161610ETP-5I/55I is 3.15V 4.Vih(Max) : 4.6V AC pulse width with < 3ns of duration. 5.Vil(min) : -1.5V AC pulse width with < 3ns of duration.
AC OPERATING CONDITION (TA=-40C to 85C, VDD=3.0V to 3.6V, VSS=0V)
Parameter AC input high / low level voltage Input timing measurement reference level voltage Input rise / fall time Output timing measurement reference level Output load capacitance for access time measurement Symbol VIH / VIL Vtrip tR / tF Voutref CL Value 2.4/0.4 1.4 1 1.4 30 Unit V V ns V pF 1 Note
Note : 1. Output load to measure access times is equivalent to two TTL gates and one capacitance(30pF). For details, refer to AC/DC output load circuit. 2. VDD(min) is 3.15V when HY57V161610ETP-7I operates at CAS latency=2 and tCK2=8.9ns 3. VDD(min) of HY57V161610ETP-5I/55I is 3.15V`
Rev. 0.1 / Nov. 2003
4
HY57V161610ETP-I
CAPACITANCE (TA=25C, f=1MHz)
Parameter CLK Input capacitance A0 ~ A10, BA CKE, CS, RAS, CAS, WE, UDQM, LDQM DQ0 ~ DQ15 Pin Symbol CI1 CI2 CI/O Min 2.5 2.5 4 Max 4 5 6.5 Unit pF pF pF
Data input / output capacitance
OUTPUT LOAD CIRCUIT
Vtt=1.4V
RT=250
Output 30pF
Output
30pF
DC Output Load Circuit
AC Output Load Circuit
DC CHARACTERISTICS I (TA=-40C to 85C)
Parameter Power Supply Voltage Input leakage current Output leakage current Output high voltage Output low voltage VDD IL IO VOH VOL Symbol Min. 3.0 -1 -1 2.4 Max 3.6 1 1 0.4 Unit V uA uA V V Note 1, 2 3 4 IOH = -4mA IOL =+4mA
Note : 1.VDD(min) is 3.15V when HY57V161610ETP-7I operates at CAS latency=2 and tCK2=8.9ns. 2.VDD(min) of HY57V161610ETP-5I/55I is 3.15V 3.VIN = 0 to 3.6V, All other pins are not under test = 0V 4.DOUT is disabled, VOUT=0 to 3.6V
Rev. 0.1 / Nov. 2003
5
HY57V161610ETP-I
DC CHARACTERISTICS II (TA= -40C to 85C, VDD=3.0V to 3.6V, VSS=0VNote1,2)
Speed Parameter Symbol Test Condition -5 Burst Length=1, One bank active tRAS tRAS(min),tRP tRP(min), IO=0mA CKE VIL(max), tCK = 15ns CKE VIL(max), tCK = CKE VIH(min), CS VIH(min), tCK = 15ns Input signals are changed one time during 2Clks. All other pins VDD-0.2V or 0.2V CKE VIH(min), tCK = Input signals are stable. CKE VIL(max), tCK = min CKE VIL(max), tCK = CKE VIH(min), CS VIH(min), tCK = min Input signals are changed one time during 2CLKs. All other pins VDD0.2V or 0.2V CKE VIH(min), tCK = Input signals are stable CL=3 Burst Mode Operating Current IDD4 tCK tCK(min), tRAS tRAS(min), IO=0mA All banks active CL=2 CL=1 Auto Refresh Current Self Refresh Current IDD5 IDD6 tRRC tRRC(min), All banks active CKE 0.2V 130 130 130 130 120 110 110 2 -55 -6 -7 -8 -10 -15 Unit Note
Operating Current
IDD1
130
130
120
110
110
110
100
mA
2
Precharge Standby Current in power down mode
IDD2P IDD2PS
2 mA 1
Precharge Standby Current in non power down mode
IDD2N
25 mA
IDD2NS
15
IDD3P Active Standby Current in power down mode IDD3PS
3.0 mA 3.0
IDD3N Active Standby Current in non power down mode IDD3NS
50 mA
30
110 110 110
110 110
90 110
80 70 100 mA mA mA 3
Note : 1.VDD(min) is 3.15V when HY57V161610ETP-7I operates at CAS latency=2 and tCK2=8.9ns. 2.VDD(min) of HY57V161610ETP-5I/55I is 3.15V 3.IDD1 and IDD4 depend on output loading and cycle rates. Specified values are measured with the output open.
Rev. 0.1 / Nov. 2003
6
HY57V161610ETP-I
AC CHARACTERISTICS
(TA=-40C to 85C, VDD=3.0V to 3.6V, VSS=0VNote1,2)
-5 Parameter Symbol Min CL=3 System clock cycle time CL=2 CL=1 Clock high pulse width Clock low pulse width CL=3 Access time from clock CL=2 CL=1 Data-out hold time Data-Input setup time Data-Input hold time Address setup time Address hold time CKE setup time CKE hold time Command setup time Command hold time CLK to data output in low Ztime CLK to data output in high Z-time tCK3 tCK2 tCK1 tCHW tCLW tAC3 tAC2 tAC1 tOH tDS tDH tAS tAH tCKS tCKH tCS tCH 1.5 1.5 1 1.5 1 1.5 1 1.5 1 2 1.5 1 1.5 1 1.5 1 1.5 1 5 2 2 4.5 Max Min 5.5 2 2
-55 Max Min 6 10 2 2 5 2 1.5 1 1.5 1 1.5 1 1.5 1
-6 Max 5.5 6 Min 7 10 2.5 2.5 2.5 1.75 1 1.75 1 1.75 1 1.75 1
-7 Unit Max 6 6 ns ns ns ns ns ns ns ns ns 4 4 4 4 4 4 4 4 ns 3 ns ns 4 4 ns 3 Note
tOLZ
2
2
2
-
2
-
ns
tOHZ
2
5
2
5.5
2
6
2
7
ns
Rev. 0.1 / Nov. 2003
7
HY57V161610ETP-I
AC CHARACTERISTICS
(TA=-40C to 85C, VDD=3.0V to 3.6V, VSS=0VNote1,2)
- continued -15 Unit Note Max 7 7 10 Min 15 15 15 3 3 2.5 2.5 1 2.5 1 2.5 1 2.5 1 2 3 Max 7 7 14 15 ns ns ns ns ns ns ns ns ns ns ns 4 4 4 4 4 4 4 4 ns 3 ns ns 4 4 ns 3
-8 Parameter Symbol Min CL=3 System clock cycle time CL=2 CL=1 Clock high pulse width Clock low pulse width CL=3 Access time from clock CL=2 CL=1 Data-out hold time Data-Input setup time Data-Input hold time Address setup time Address hold time CKE setup time CKE hold time Command setup time Command hold time CLK to data output in low Z-time CLK to data output in high Z-time tCK3 tCK2 tCK1 tCHW tCLW tAC3 tAC2 tAC1 tOH tDS tDH tAS tAH tCKS tCKH tCS tCH tOLZ tOHZ 8 12 3 3 2.5 2 1 2 1 2 1 2 1 2 2 Max 6 6 8 Min 10 12 3 3 2.5 2.5 1 2.5 1 2.5 1 2.5 1 2 3
-10
Note :
1.VDD(min) is 3.15V when HY57V161610ETP-7I operates at CAS latency=2 and tCK2=8.9ns. 2.VDD(min) of HY57V161610ETP-5I/55I is 3.15V 3.tCK2 is 8.9ns only when tAC2 is 7.9ns in HY57V161610ETP-6I and HY57V161610ETP-7I. 4.Assume tR / tF (input rise and fall time ) is 1ns.
Rev. 0.1 / Nov. 2003
8
HY57V161610ETP-I
AC CHARACTERISTICS
(TA=-40C to 85C, VDD=3.0V to 3.6V, VSS=0VNote1,2))
-5 Paramter Symbol Min Operation RAS cycle time Auto Refresh RAS to CAS delay RAS active time RAS precharge time RAS to RAS bank active delay CAS to CAS bank active delay Write command to data-in delay Data-in to precharge command Data-in to active command DQM to data-in Hi-Z DQM to data mask MRS to new command Precharge to data output Hi-Z Power down exit time Self refresh exit time Refresh Time tRRC tRCD tRAS tRP tRRD tCCD tWTL tDPL tDAL tDQZ tDQM tMRD tPROZ tPDE tSRE tREF 55 15 40 3 2 1 0 1 5 2 0 2 3 1 1 64 100K 55 16.5 38.5 3 2 1 0 1 4 2 0 2 3 1 1 64 tRC 55 Max Min 55
-55 Max Min 60 60 18 100K 40 3 2 1 0 1 4 2 0 2 3 1 1 64
-6 Max 100K Min 70 70 20 45 3 2 1 0 1 4 2 0 2 3 1 1 64
-7 Unit Max 100K ns ns ns ns CLK CLK CLK CLK CLK CLK CLK CLK CLK CLK CLK CLK ms 3 Note
Rev. 0.1 / Nov. 2003
9
HY57V161610ETP-I
AC CHARACTERISTICS
(TA=-40C to 85C, VDD=3.0V to 3.6V, VSS=0VNote1,2)
- continued -15I Unit Note Max 100K Min 70 80 20 45 2 2 1 0 1 3 2 0 2 3 1 1 64 Max 100K ns ns ns ns CLK CLK CLK CLK CLK CLK CLK CLK CLK CLK CLK CLK ms 3
-8I Paramter Symbol Min Operation RAS cycle time Auto Refresh RAS to CAS delay RAS active time RAS precharge time RAS to RAS bank active delay CAS to CAS bank active delay Write command to data-in delay Data-in to precharge command Data-in to active command DQM to data-in Hi-Z DQM to data mask MRS to new command Precharge to data output Hi-Z Power down exit time Self refresh exit time Refresh Time tRRC tRCD tRAS tRP tRRD tCCD tWTL tDPL tDAL tDQZ tDQM tMRD tPROZ tPDE tSRE tREF 70 20 45 3 2 1 0 1 4 2 0 2 3 1 1 64 100K 80 20 45 2 2 1 0 1 3 2 0 2 3 1 1 64 tRC 70 Max Min 70
-10I
Note : 1. VDD(min) is 3.15V when HY57V161610ETP-7I operates at CAS latency=2 and tCK2=8.9ns. 2.VDD(min) of HY57V161610ETP-5I/55I is 3.15V 3. A new command can be given tRRC after self refresh exit.
DEVICE OPERATING OPTION TABLE
HY57V161610ETP-5I
CAS Latency 200MHz 183MHz 166MHz 3CLKs 3CLKs 3CLKs tRCD 3CLKs 3CLKs 3CLKs tRAS 8CLKs 7CLKs 7CLKs tRC 11CLKs 10CLKs 10CLKs tRP 3CLKs 3CLKs 3CLKs tAC 4.5ns 5ns 5.5ns tOH 1.5ns 2ns 2ns
Rev. 0.1 / Nov. 2003
10
HY57V161610ETP-I
HY57V161610ETP-55I
CAS Latency 183MHz 166MHz 143MHz 3CLKs 3CLKs 3CLKs tRCD 3CLKs 3CLKs 3CLKs tRAS 7CLKs 7CLKs 7CLKs tRC 10CLKs 10CLKs 10CLKs tRP 3CLKs 3CLKs 3CLKs tAC 5ns 5.5ns 5.5ns tOH 2ns 2ns 2.5ns
HY57V161610ETP-6I
CAS Latency 166MHz 143MHz 125MHz 3CLKs 3CLKs 3CLKs tRCD 3CLKs 3CLKs 2CLKs tRAS 7CLKs 7CLKs 6CLKs tRC 10CLKs 10CLKs 9CLKs tRP 3CLKs 3CLKs 3CLKs tAC 5.5ns 5.5ns 6ns tOH 2ns 2.5ns 2.5ns
HY57V161610ETP-7I
CAS Latency 143MHz 125MHz 100MHz 3CLKs 3CLKs 2CLKs tRCD 3CLKs 3CLKs 2CLKs tRAS 7CLKs 6CLKs 5CLKs tRC 10CLKs 9CLKs 7CLKs tRP 3CLKs 3CLKs 2CLKs tAC 5.5ns 6ns 7ns tOH 2.5ns 2.5ns 2.5ns
HY57V161610ETP-8I
CAS Latency 125MHz 100MHz 83MHz 3CLKs 3CLKs 2CLKs tRCD 3CLKs 2CLKs 2CLKs tRAS 6CLKs 5CLKs 4CLKs tRC 9CLKs 7CLKs 6CLKs tRP 3CLKs 2CLKs 2CLKs tAC 6ns 7ns 7ns tOH 2.5ns 2.5ns 2.5ns
HY57V161610ETP-10I
CAS Latency 100MHz 83MHz 3CLKs 2CLKs tRCD 2CLKs 2CLKs tRAS 5CLKs 4CLKs tRC 7CLKs 6CLKs tRP 2CLKs 2CLKs tAC 7ns 7ns tOH 2.5ns 2.5ns
HY57V161610ETP-15I
CAS Latency 66MHz 1CLKs tRCD 2CLKs tRAS 4CLKs tRC 6CLKs tRP 2CLKs tAC 14ns tOH 2.5ns
Rev. 0.1 / Nov. 2003
11
HY57V161610ETP-I
COMMAND TRUTH TABLE
Command Mode Register Set CKEn-1 H CKEn X CS L H No Operation H X L Bank Active Read H Read with Auto precharge Write H Write with Auto precharge Precharge All Bank H Precharge selected Bank Burst Stop U/LDQM Auto Refresh Burst-READ-Single-WRITE Entry Self Refresh
1
RAS L X H L
CAS L X H H
WE L X
DQM X
A0~A9
A10/ AP OP code
BA
Note
X H H X
X
H
X
L
Row Address Column Address L
V
X
L
H
L
H
X
V H L V H H X V
X
L
H
L
L
X
Column Address
X
L
L
H
L
X
X L
H H H H H
X
L
H X
H
L
X V
X X X A9 Pin High (Other Pins OP code)
H X L
L L L H
L L L X H X H X H X V X
L L L X H X H X H X V
H L H X
X X X
X X
Exit
L
H L H H X
Entry Precharge power down Exit
H
L L H H
X X X X L H H X X L V X X
L
H
Entry Clock Suspend Exit
H
L
L
H
Note : 1. Exiting Self Refresh occurs by asynchronously bringing CKE from low to high. 2. X=Do not care, L=Low, H=High, BA=Bank Address, RA= Row Address, CA=Column Address, Opcode=Operand Code, NOP=No Operation.
Rev. 0.1 / Nov. 2003
12
HY57V161610ETP-I
PACKAGE INFORMATION 400mil 50pin Thin Small Outline Package (TC)
1Mx16 Synchronous DRAM UNIT : mm(inch)
11.938(0.4700)
10.262(0.4040) 10.059(0.3960)
11.735(0.4620)
0.8(0.0315 BSC)
0.45(0.0177) 0.30(0.0118)
1.2(0.0472) 1.0(0.0394)
0.150(0.0059)
21.057(0.8290) 20.879(0.8220)
0.646 REF
0.050(0.0020)
GAGE PLANE
0~5deg
0.597(0.0235) 0.406(0.0160)
0.210(0.0083) 0.120(0.0118)
Rev. 0.1 / Nov. 2003
13


▲Up To Search▲   

 
Price & Availability of HY57V161610ETP-I

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X